Part Number Hot Search : 
ADG704 MPC9351D 24C1024 C548C LTC1235 PA3020NL AT24C08 R7S01612
Product Description
Full Text Search
 

To Download 0901303110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0901303110 status: active overview: cgrid_iii description: 2.54mm (.100") pitch c-grid iii? header, dual row, right angle, shrouded, fully loaded, 10 circuits, black, 3m (118") tin (sn) over nickel (ni) documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb headers series 90130 application wire-to-board overview cgrid_iii product name c-grid iii? physical breakaway no circuits (loaded) 10 circuits (maximum) 10 color - resin black durability (mating cycles max) 30 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 2 orientation right angle pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 118 plating min: mating (m) 3 plating min: termination (in) 118 plating min: termination (m) 3 polarized to mating part yes polarized to pcb no shrouded closed ends stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90130 series mates with 90142 c-grid iii? crimp housing
electrical current - maximum per contact 3a voltage - maximum 350v ac/dc solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-90130-001, pk-91814-005 sales drawing sda-90130 this document was generated on 05/26/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0901303110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X